PART |
Description |
Maker |
1N3891 |
FAST RECOVERY RECTIFIERS FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
|
Microsemi Corporation
|
FFPF06U20DP FFPF06U20DPTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 6A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
1N5420 JANS1N5420 1N5415 1N5415-1 1N5416 1N5417 1N |
RECTIFIERS MILITARY APPROVED/ FAST RECOVERY/ 3AMP Fast Rectifier (100-500ns) ZFKDSA 1,5-W-5,08- 7 FAST RECTIFIERS MSTBV 2,5/22-G MSTBV 2,5/21-G RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
|
MICROSEMI[Microsemi Corporation]
|
EU02D EU02G EU02J |
Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
F20C20 F20C05 F20C10 F20C15 |
Switchmode Dual Fast Recovery Power Rectifiers FAST RECOVERY RECTIFIER
|
MOSPEC[Mospec Semiconductor]
|
EG1ME |
Ultra Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
FFB20U20S FFB20U20STM |
20A/200V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFA30U20DN FFA30U20DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 30A/200V Ultra Fast Recovery Rectifiers Ultra Fast Recovery Power Rectifer(平均整流电流30A超快恢复功率整流 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CSFA102-G CSFA103-G CSFA104-G CSFA105-G |
Super Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A
|
Comchip Technology
|
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|